PART |
Description |
Maker |
M22-E040405 M22-E040605 |
2.00mm Pitch DIL Vertical 2.3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 4 4-way 2.00mm Pitch DIL Vertical 2.3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 6 6-way
|
HARWIN INC
|
M22-2022646 M22-2023905 M22-2023046 M22-2020205 M2 |
2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 26 26-way 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39 39-way 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 29 29-way 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC Ecliptek, Corp.
|
M50-4302045 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-3600542 |
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
|
List of Unclassifed Man...
|
M80-8872001 M80-8872005 M80-88720T6 M80-8872601 M8 |
DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
|
Harwin Plc
|
M22-2541605 M22-2542105 M22-2542346 |
2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 16 16-way 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 21 21-way 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23 23-way
|
Harwin PLC HARWIN INC
|
0737802247 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 72 Circuits, Mounted Height 17.00mm (.669), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
73780-0243 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 72 Circuits, Mounted Height 13.00mm (.512), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
0737802245 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 72 Circuits, Mounted Height 15.00mm (.591), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
73780-3145 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
0737801245 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
0737803245 73780-3245 |
2.00mm (.079) Pitch HDM? Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 15.00mm (.591), Pin Length 3.00mm (.118),
|
Molex Electronics Ltd.
|
|